PART |
Description |
Maker |
SI-751011 |
New Pentagon Connection
|
Sanken electric
|
0424026 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
2700093 |
Connection element with screw connection terminal blocks for base mounting
|
PHOENIX CONTACT
|
0611017 |
Connection honeycomb, Connection type: Screw mounting, Number of positions
|
PHOENIX CONTACT
|
0441119 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441025 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0444048 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
1804917 |
Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
|
List of Unclassifed Manufacturers ETC[ETC]
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
MOC8020 MOC8021 |
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection) 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER (MOC8020 / MOC8021) 6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
|